s p e c i f i c a t i o n s system memory onboard 64mb sdram, 1 4 4 - p i n s d r a m s o d i m m x 1 , m a x . 5 1 2 m b ( p c 6 6 / 1 0 0 / 1 3 3 m h z ) cpu transmeta crusoe tm5800 733mhz/1ghz processor v g a / k e y b o a r d / m o u s e db-15 vga connector, ps/2 keyboard & mouse ethernet 10/100base-tx rj-45 connector x 1 ssd type ii compactflash? slot x 1 hard disk storage optional 2.5" slim hdd module serial port rs-232 x 1, rs-232/422/485 x 1 audio mic-in / line-in / line-out , by extension cable usb usb 1.1 port x 4 parallel port parallel port x 1 watchdog timer generate a time-out system reset, setting via software power supply mechanical system color dimension 1.dc input -- internal dc-dc converter(standard) output rating : 30w input voltage : 9v dc ~ 30v dc output voltage : +5v@6a 2.ac input -- external power adapter (optional) output rating : 36w input voltage : 100v ac ~ 240v ac @ 50 ~ 60hz led indicator power led x 1, hdd active led x 1 system control power on / off switch x 1, reset button x 1 dark blue construction rugged aluminum alloy chassis mounting wall-mount (default), din rail 8.35" (w) x 2.53" (h) x 4.21" (d) (212.15mm x 64.2 mm x 107mm) carton dimension 12" (w) x 7.87" (h) x 9.4" (d) 305mm x 200mm x 240mm net weight 4.75lb (2.16kg) gross weight 8.36lb (3.8kg) f a n l e s s d e s i g n w i t h t r a n s m e t a 7 3 3 m h z / 1 g h z p r o c e s s o r 2 p c m c i a s l o t s f o r e x p a n s i o n e t h e r n e t / 2 c o m / 4 u s b / a u d i o w i n d o w s ? c e . n e t / c f d / o p t i o n a l h d d k i t a n t i - v i b r a t i o n u p t o b g r m s / a n t i - s h o c k u p t o 1 0 0 g c e / f c c c l a s s b c e r t i f i e d f e a t u r e s f a n l e s s e m b e d d e d c o n t r o l p c w i t h t r a n s m e t a t m 5 8 0 0 733mhz/1ghz cpu s y s t e m l e d a u d i o c o m p r i n t p o r t h d d l e d r e s e t 4 u s b p o w e r s w i t c h c f d s l o t v g a d c p o w e r i n p u t e t h e r n e t k e y b o a r d / m o u s e c o m os support windows ? ce .net 4.2, windows ? xp embedded, windows ? xp/2000 6-7 n o t e : a l l s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . a e c - 6 8 2 0 a e c - 6 8 2 0 a e c - 6 8 2 0
? AEC-6820-A1 fanless embedded control pc with transmeta tm5800 733mhz cpu,pcmcia x 2 ? aec-6820-a2 fanless embedded control pc with transmeta tm5800 1ghz cpu,pcmcia x 2 o p t i o n a l a c c e s s o r i e s o r d e r i n g i n f o r m a t i o n ? 9741681001 slim hdd kit for aec-68x0 ? 9741681002 ac input adapter kit for aec-68x0 ? 9741681003 din rail kit for aec-68x0 ? 9741681004 ultra cooling kit ? 9741666643 1.8-g rms vibration protection hdd kit for vehicle (for aec-68x0) ? 9681681000 usb to parallel port adapter ? 9789666605 usb to 4 serial port converter ? 9789666606 usb to 2 serial port converter ? 9741081006 easy i/o module ? 9741681007 ups battery module ? 9789666614 gps module (usb/rs-232 interface) environmental operating temperature 5f ~ 158f (-15c ~ 70c) (cfd) 32f ~ 122f (0c ~ 50c) (hdd) operating humidity 5 ~ 95%@40c, non-condensing vibration 6 grms / 5 ~ 500hz / random operation(cfd) 1g / 5 ~ 500hz / random operation(hdd) shock 100 g peak acceleration (11 msec. duration) emc ce/fcc class b 2 1 2 . 1 5 2 2 2 . 0 0 2 4 0 . 0 0 7 1 8 5 . 0 0 6 5 . 0 0 5 . 0 0 5 . 0 0 5 . 0 0 1 0 7 . 0 0 6 . 8 0 1 9 dimension u n i t : m m 5 1 4 industrial workstation solutions 2 3 robust panel pc solutions 6-8 w w w . a a e o n . c o m 8 7 6 accessories and options accessory sunreadable lcd monitors industial monitor solutions fanless operator panel solutions - omni series medical station solutions - onyx series embedded control pc- boxer series
|